Part Number Hot Search : 
LTC1098I DUY07A FST16 DSI30 DSI30 WTS701MM DF005 FST16
Product Description
Full Text Search
 

To Download SS39 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  3.0 0.15 7.5 0.25 5.8 0.3 2.4 0.2 1.5 0.25 0.203max 8.3 0.2 0.25 0.06 ratings at 25 o c ambient temperature unless otherwise specified ss34 ss35 ss36 ss38 SS39 ss310 maximum repetitive peak reverse voltage v rrm 40 50 60 80 90 100 v maximum rms voltage v rws 28 35 42 56 63 70 v maximum dc blocking voltage v dc 40 50 60 80 90 100 v maximum average forward rectified current at t l =90 i f(av) a peak forward surge current 8.3ms single half- sine-wave i fsm a maximum instantaneous forward voltage at i fm =3.0a (note1) v f v maximum dc reverse current t j =25 at rated dc blocking voltage t j =125 operating temperature range t j o c storage temperature range t stg o c units - 55 ---- +150 i r note: 1.pulse test: pulse width 300us,duty cycle 1 % maximum thermal resistance o c/w - 55 ---- +125 14 reverse voltage: 20 - 100 v forward current: 3.0 a low forward voltage schottky barrier rectifier guardring protection 20 21 0.50 0.5 20 10 m a r jl 17.0 30 0.75 3.0 0.85 100.0 20 30 case: smc molded plastic body 1111 device marking code ss32 ss33 polarity: color band denotes cathode end maximum ratings and electrical characteristics mounting position: any smc weight: 0.007 ounces, 0.21 gram reverse energy tested high current capability extremely low thermal resistance dimensions in millimeters ss32-ss310 surface mount schottky barrier rectifiers features m echani cal d ata http://www.luguang.cn mail:lge@luguang.cn
amperes amperes amperes instantaneous forward current fig.3 -- typical instantaneous forward xxxxxxxxx---- characteri sti cs peak forward surge current lead temperature, number of cycles at 60hz instantaneous forward voltage, volts fi g.1 -- forward derati ng curve fi g.2 -- peak forward surge current average forward rectified current 0 1 10 100 50 100 t j =t j max 8.3ms single half sine-wave 2 4 0 0 3 1 25 50 75 100 125 150 175 resistive or inductive load 0.375"(9.5mm)lead length t j =25 pulse width=300 s 1 % d u ty c ycle .1 .3 .5 .7 .9 1 .1 1 .3 1 .5 1 .7 1 .9 2 .1 .1 1 10 20 ss32--ss34 ss35-ss36 ss38-ss310 ss32-ss310 surface mount schottky barrier rectifiers ratings and charactieristic curves http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of SS39

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X